PART |
Description |
Maker |
T3441N |
Full blocking 50/60Hz over a wide range temperature range
|
Infineon Technologies A...
|
T901N |
Full blocking 50/60Hz over a wide range temperature range
|
Infineon Technologies A...
|
EDD10161BBH-5BTS-F EDD10161BBH-6ETS-F EDD10161BBH- |
1G bits DDR Mobile RAM WTR (Wide Temperature Range) 1G bits DDR Mobile RAM垄芒 WTR (Wide Temperature Range)
|
Elpida Memory
|
HM62A16100I HM62A16100LBPI-7 HM62A16100LBPI-7SL |
Wide Temperature Range Version 16 M SRAM (1-Mword × 16-bit) Wide Temperature Range Version 16 M SRAM (1-Mword 】 16-bit) Memory>Low Power SRAM
|
Renesas Electronics Corporation
|
PD45128163-SU PD45128163G5-A75SU-9JF PD45128163G5- |
128M-bit Synchronous DRAM 4-bank/ LVTTL WTR (Wide Temperature Range) 128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range) 128兆位同步DRAM 4银行,LVTTL水树(宽温度范围
|
Elpida Memory, Inc.
|
R1LV0416C-I R1LV0416CSB-5SI R1LV0416CSB-7LI |
Memory>Low Power SRAM Wide Temperature Range Version 4M SRAM (256-kword 】 16-bit) Wide Temperature Range Version 4M SRAM (256-kword × 16-bit)
|
Renesas Electronics Corporation
|
R1RW0408DGE-2PI R1RW0408DI |
Memory>Fast SRAM>Asynchronous SRAM Wide Temperature Range Version 4M High Speed SRAM (512-kword 】 8-bit) Wide Temperature Range Version 4M High Speed SRAM (512-kword 隆驴 8-bit) Wide Temperature Range Version 4M High Speed SRAM (512-kword × 8-bit)
|
Renesas Electronics Corporation
|
PI6C2309-1WI PI6C2309-1HW PI6C2309-1HLI PI6C2309-1 |
High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 85°C High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C 16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: PDIP; No of Pins: 24; Temperature Range: -40°C to 85°C 6C SERIES, PLL BASED CLOCK DRIVER, 5 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8 0.173 INCH, TSSOP-8 High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C 九分布式输出时钟驱动 16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: PDIP; No of Pins: 24; Temperature Range: -40°C to 85°C 九分布式输出时钟驱动 Nine Distributed-Output Clock Driver 九分布式输出时钟驱动 16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 九分布式输出时钟驱动
|
Pericom Semiconductor, Corp. Bourns, Inc.
|
R1RW0416DSB-2PI R1RW0416DGE-2PI R1RW0416DI |
Memory>Fast SRAM>Asynchronous SRAM Wide Temperature Range Version 4M High Speed SRAM (256-kword 】 16-bit) Wide Temperature Range Version 4M High Speed SRAM (256-kword × 16-bit)
|
Renesas Electronics Corporation
|
EDD25163HBH-6ELS-F EDD25163HBH-7FLS-F EDD25163HBH- |
256M bits DDR Mobile RAM WTR (Wide Temperature Range), Low Power Function 256M bits DDR Mobile RAM垄芒 WTR (Wide Temperature Range), Low Power Function
|
Elpida Memory
|
OCO-M36AH OCO-M36AH12 OCO-M36AH5 |
Through hole OCXO HCMOS Wide operating temperature range: -40 up to 85 °C
|
QUARTZCOM the communications company
|